PART |
Description |
Maker |
QL4090-0CF100M QL4090-0CF100M_883 QL4090-0CF208M Q |
90,000 usable PLD gate QuickRAM combining performance, density and embedded RAM. 16,128 RAM bits. 90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM 90,000 usable PLD gate QuickRAM combining performance, density and embedded RAM. 25,344 RAM bits.
|
ETC[ETC] QuickLogic
|
QL4036-1PQ208C |
36,000 usable PLD gate QuickRAM ESP combining performance, density and embedded RAM.
|
QuickLogic
|
QL4016-4PLM QL4016 QL4016-0CF100C QL4016-0CF100I Q |
16/000 Usable PLD Gate QuickRAM ESP Combining Performance/ Density and Embedded RAM GT 19C 19#16 SKT RECP Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:19; Connector Shell Size:22; Connecting Termination:Crimp; Circular Shell Style:Square Flange Receptacle; Body Style:Straight GT 4C 4#16 SKT RECP 16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM 16000可用门QuickRAM ESP PLD的结合性能,密度和嵌入式内
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
QL2009 QL2009-0PB256C QL2009-0PB256I QL2009-0PF144 |
3.3V and 5.0V pASIC 2 FPGA combining speed, density, low cost and flexibility. 3.3V and 5.0V pASIC? 2 FPGA Combining Speed Density Low Cost and Flexibility 3.3V and 5.0V pASICò 2 FPGA 3.3V and 5.0V pASIC? 2 FPGA Combining Speed, Density, Low Cost and Flexibility 3.3V and 5.0V pASIC 2 FPGA Combining Speed/ Density/ Low Cost and Flexibility 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility(高速,高可用密度,低成本、可适应性强.3V.0V pASIC 2系列场可编程逻辑器件) PT 6C 6#20 PIN RECP PT 8C 8#20 PIN RECP 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility 3.3V.0V帕希奇? 2 FPGA的结合速度,密度,低成本和灵活
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. QuickLogic Corp.
|
QL2007 QL2007-0PF144I QL2007-0PL84C QL2007-0PL84I |
3.3V and 5.0V pASIC 2 FPGA combining speed, density, low cost and flexibility. 3.3V and 5.0V pASICò 2 FPGA 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility(高速,高可用密度,低成本、可适应性强.3V.0V pASIC 2系列场可编程逻辑器件)
|
List of Unclassifed Manufacturers ETC[ETC] QuickLogic Corp.
|
GAL18V10-20LPB GAL18V10-20LD/883C GAL18V10-20LJIB |
EE PLD, 20 ns, PDIP20 SKINNY, PLASTIC, DIP-20 EE PLD, 20 ns, CDIP20 0.300 INCH, SKINNY, CERDIP-20 EE PLD, 20 ns, PQCC20 PLASTIC, LCC-20 EE PLD, 15 ns, PQCC28 EE PLD, 15 ns, PDIP24
|
Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
ATF16V8B ATF16V8BQ ATF16V8BQL |
250 gate electrically erasable PLD, 20 pins, standard power, 5V 250 gate electrically erasable PLD, 20 pins, quarter power, 5V 250 gate electrically erasable PLD, 20 pins, quarter and low power, 5V
|
Atmel
|
GAL20XV10B-20LP GAL20XV10B-20LJ GAL20XV10B-10LJ GA |
High-Speed E2CMOS PLD Generic Array Logic EE PLD, 10 ns, PDIP24 Fuses, 3A 125V F MICRO BULK EE PLD, 20 ns, PQCC28
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
ATF1500A ATF1500A-10AI ATF1500A-10JC ATF1500A-10JI |
High Performance E2 PLD FLASH PLD, 20 ns, PQCC44 High Performance E2 PLD FLASH PLD, 12 ns, PQCC44 High Performance E2 PLD FLASH PLD, 10 ns, PQCC44 Connector Cover; Enclosure Material:Thermoplastic; For Use With:Amphenol Tuchel Ecomate Male Receptacles RoHS Compliant: Yes Crimp Pin Contact; Series:44; Operating Temperature Range /-:-40 C to 125 C; Voltage Rating:205V RoHS Compliant: Yes
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
PEEL22V10AZ3J-15 PEEL22V10AZ3S-15 PEEL22V10AZ3P-15 |
EE PLD, 15 ns, PQCC28 PLASTIC, LCC-28 EE PLD, 15 ns, PDSO24 SOIC-24 EE PLD, 15 ns, PDIP24 0.300 INCH, PLASTIC, DIP-24
|
Integrated Circuit Technology Corp
|
XCR3064 DS036 XCR3064-12PC68I XCR3064-12PC84I XCR3 |
EE PLD, 10 ns, PQCC84 EE PLD, 12 ns, PQCC84 64 Macrocell CPLD(64瀹????????缂???昏??ㄤ欢) EE PLD, 12 ns, PQCC68 From old datasheet system Product Specification
|
Xilinx, Inc. XILINX INC
|
MACH111SP-15JC MACH211SP-7VC MACH231SP-10YC |
EE PLD, 15 ns, PQCC44 EE PLD, 12.5 ns, PQFP44 EE PLD, 16 ns, PQFP100
|
VANTIS CORP
|
|